Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 508 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 508 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 504Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 505Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 506Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 507Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 508Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 509Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 510Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 511Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 512Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 508 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
13-4
Freescale Semiconductor
Local Bus Controller
13.1.3.1
LBC Bus Clock and Clock Ratios
The LBC supports ratios of 2, 4, and 8 between the faster system (CCB) clock and the slower
external bus clock (LCLK[0:2]). This ratio is software programmable through the clock ratio
register (LCRR[CLKDIV]). In addition to establishing the frequency of the external local bus
clock, CLKDIV also affects the resolution of signal timing shifts in GPCM mode and the
interpretation of UPM array words in UPM mode. The bus clock is driven identically onto pins,
LCLK[0:2], to allow the clock load to be shared equally across a pair of signal nets, thereby
enhancing the edge rates of the bus clock.
13.1.3.2
Source ID Debug Mode
In debug mode, the LBC provides the ID of a transaction source on external device pins. This
mode is enabled on power-on reset, as described in Section 20.4.4, “Local Bus Interface Debug.”
When placed in this mode, the 5-bit internal ID of the current transaction source appears on
MSRCID[0:4] whenever valid address or data is available on the LBC external pins. The reserved
value of 0x1F, which indicates invalid address or data, appears on the source ID pins at all other
times. The combination of a valid source ID (any value except 0x1F) and the value of external
address latch enable (LALE) and data valid (MDVAL) facilitate capturing useful debug data as
follows:
•
If a valid source ID is detected on MSRCID[0:4] and LALE is asserted, a valid full 32-bit
address may be latched from LAD[0:31]. Note that in SDRAM mode the address vector
contains the full address as {row, bank, column, lsbs} where row corresponds to the same
row address for the given column address and lsbs are the unconnected lsbs of the address
for a given port size.
•
If a valid source ID is detected on MSRCID[0:4] and MDVAL is asserted, valid data may
be latched from LAD[0:31].
13.1.4 Power-Down Mode
The LBC can enter a power-down mode when the system stops the internal (system) clock to the
block by using a handshake protocol initiated by the DEVDISR[LBC] setting in the global utilities
block. On entering power-down mode, the LBC places any SDRAM devices, if used, in
self-refresh mode before the bus clock is stopped. The LBC also allows the DLL sufficient time
to recover following the reapplication of the system clock.
13.1.5 References
•
MPC8260 PowerQUICC II Family Reference Manual, Chapters 4, 6, and 10 (order no.
MPC8260UM).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com