Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 509 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 509 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 505Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 506Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 507Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 508Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 509Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 510Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 511Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 512Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 513Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 509 / 1302 page
background image
External Signal Descriptions
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
13-5
13.2 External Signal Descriptions
Table 13-1 contains a list of external signals related to the LBC and summarizes their function.
Table 13-1. Signal Properties—Summary
Name
Number of
Signals
Direction
Function
LALE
1
Output
External address latch enable
LCS
8
Output
Chip selects
LWE/
LSDDQM/
LBS
4
Output
Output
Output
GPCM mode: write enable
SDRAM mode: byte lane data mask
UPM mode: byte (lane) select
LSDA10/
LGPL0
1
Output
Output
SDRAM mode: row address
bit/command bit
UPM mode: general-purpose line 0
LSDWE/
LGPL1
1
Output
Output
SDRAM mode: write enable
UPM mode: general-purpose line 1
LOE/
LSDRAS/
LGPL2
1
Output
Output
Output
GPCM mode: output enable
SDRAM mode: row address strobe
UPM mode: general-purpose line 2
LSDCAS/
LGPL3
1
Output
Output
SDRAM mode: column address strobe
UPM mode: general-purpose line 3
LGTA/
LGPL4/
LUPWAIT/
LPBSE
1
Input
Output
Input
Output
GPCM mode: transaction termination
UPM mode: general-purpose line 4
UPM mode: external device wait
Local bus parity byte select
LGPL5
1
Output
UPM mode: general-purpose line 5
LBCTL
1
Output
Data buffer control
LA[27:31]
5
Output
Local bus non-multiplexed address lsb’s
LAD[0:31]
32
Input/Output Multiplexed address/data bus
LDP
4
Input/Output Local bus data parity
LCKE
1
Output
Local bus clock enable
LCLK[0:2]
3
Output
Local bus clocks
LSYNC_IN
1
Input
DLL synchronize input
LSYNC_OUT
1
Output
DLL synchronize output
MDVAL
1
Output
In LBC debug mode: local bus data valid
MSRCID
5
Output
In LBC debug mode: local bus source ID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com