Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 513 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 513 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 509Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 510Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 511Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 512Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 513Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 514Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 515Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 516Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 517Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 513 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
13-9
13.3 Memory Map/Register Definition
Table 13-3 shows the memory mapped registers of the LBC. Undefined 4-byte address spaces
within offset 0x000–0xFFF are reserved.
MDVAL
O Local bus data valid (LBC debug mode only)
State
Meaning
Asserted/Negated—For a read, MDVAL asserts for one bus cycle in the cycle immediately
preceding the sampling of read data on LAD[0:31]. For a write, MDVAL asserts for one
bus cycle during the final cycle for which the current write data on LAD[0:31] is valid.
During burst transfers, MDVAL asserts for each data beat.
Timing Assertion/Negation—Valid only while the LBC is in system debug mode. In debug mode,
MDVAL asserts when the LBC generates a data transfer acknowledge.
MSRCID[0:4]
O Local bus source ID (LBC debug mode only). In debug mode, all MSRCID[0:4] pins are driven high unless
MSRCID[0:4] is driving a debug source ID for identifying the internal system device controlling the LBC.
State
Meaning
Asserted/Negated—Remain high until the last bus cycle of the assertion of LALE, in which case
the source ID of the address is indicated, or until MDVAL is asserted, in which case the
source ID relating to the data transfer is indicated. In case of address debug,
MSRCID[0:4] is valid only when the address on LAD[0:31] consists of all physical address
bits—with optional padding—for reconstructing the system address presented to the
LBC. For example, MSRCID[0:4] is valid only during CAS phases of SDRAM accesses,
because the column, bank select, and (normally unused) row address bits are all present
on LAD[0:31] during a CAS cycle
Table 13-3. Local Bus Controller Memory Map
Address Offset
Use
Access
Reset
Section/Page
0x0_5000
BR0—Base register 0
R/W
0x0000_nn011
13.3.1.1/13-11
0x0_5008
BR1—Base register 1
0x0000_0000
0x0_5010
BR2—Base register 2
0x0_5018
BR3—Base register 3
0x0_5020
BR4—Base register 4
0x0_5028
BR5—Base register 5
0x0_5030
BR6—Base register 6
0x0_5038
BR7—Base register 7
Table 13-2. Local Bus Controller Detailed Signal Descriptions (continued)
Signal
I/O
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com