Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 516 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 516 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 512Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 513Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 514Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 515Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 516Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 517Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 518Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 519Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 520Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 516 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
13-12
Freescale Semiconductor
Local Bus Controller
13.3.1.2
Option Registers (OR0–OR7)
The ORn registers define the sizes of memory banks and access attributes. The ORn attribute bits
support the following three modes of operation as defined by BRn[MSEL].
•
GPCM mode
•
UPM mode
•
SDRAM mode
The ORn registers are interpreted differently depending on which of the three machine types is
selected for that bank.
23
WP
Write protect
0 Read and write accesses are allowed.
1 Only read accesses are allowed. The memory controller does not assert LCSn on write cycles to this
memory bank. WP is set (if enabled) if a write to this memory bank is attempted, and a local bus error
interrupt is generated (if enabled), terminating the cycle.
24–26 MSEL Machine select. Specifies the machine to use for handling memory operations.
000 GPCM (reset value)
001 Reserved
010 Reserved
011 SDRAM
100 UPMA
101 UPMB
110 UPMC
111 Reserved
27
—
Reserved
28–29 ATOM Atomic operation. Writes (reads) to the address space handled by the memory controller bank reserve
the selected memory bank for the exclusive use of the accessing device. The reservation is released
when the device performs a read (write) operation to this memory controller bank. If a subsequent read
(write) request to this memory controller bank is not detected within 256 bus clock cycles of the last
write (read), the reservation is released and an atomic error is reported (if enabled).
00 The address space controlled by this bank is not used for atomic operations.
01 Read-after-write-atomic (RAWA)
10 Write-after-read-atomic (WARA)
11 Reserved
30
—
Reserved
31
V
Valid bit. Indicates that the contents of the BRn and ORn pair are valid. LCSn does not assert unless
V is set (an access to a region that has no valid bit set may cause a bus time-out). After a system reset,
only BR0[V] is set.
0 This bank is invalid.
1 This bank is valid.
Table 13-4. BRn Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com