Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 518 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 518 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 514Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 515Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 516Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 517Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 518Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 519Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 520Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 521Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 522Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 518 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
13-14
Freescale Semiconductor
Local Bus Controller
13.3.1.2.2 Option Registers (ORn)—GPCM Mode
Figure 13-3 shows the bit fields for ORn when the corresponding BRn[MSEL] selects the GPCM
machine.
Table 13-6 describes ORn fields for GPCM mode.
016
17 18
19
20
21 22
23
24
27
28
29
30
31
R
AM
—
BCTLD CSNT ACS XACS
SCY
SETA TRLX EHTR EAD
W
Reset
0000_0000_0000_0000_0000_1111_1111_0111 1 (OR0);
0000_0000_0000_0000_0000_0000_0000_0000 (all others)
Offset
0x0_5004 (OR0); 0x0_500C (OR1); 0x0_5014 (OR2); 0x0_501C (OR3);
0x0_5024 (OR4); 0x0_502C (OR5); 0x0_5034 (OR6); 0x0_503C (OR7);
1 OR0 has this value set during reset (GPCM is the default control machine for all banks coming out of reset). All other
option registers have all bits cleared.
Figure 13-3. Option Registers (ORn) in GPCM Mode
Table 13-6. ORn
—GPCM Field Descriptions
Bits
Name
Description
0–16
AM
GPCM address mask. Masks corresponding BRn bits. Masking address bits independently allows
external devices of different size address ranges to be used. Address mask bits can be set or cleared
in any order in the field, allowing a resource to reside in more than one area of the address map.
0 Corresponding address bits are masked.
1 Corresponding address bits are used in the comparison between base and transaction addresses.
17–18
—
Reserved
19
BCTLD Buffer control disable. Disables assertion of LBCTL during access to the current memory bank.
0 LBCTL is asserted upon access to the current memory bank.
1 LBCTL is not asserted upon access to the current memory bank.
20
CSNT
Chip select negation time. Determines when LCSn and LWE are negated during an external memory
write access handled by the GPCM, provided that ACS
≠ 00 (when ACS = 00, only LWE is affected
by the setting of CSNT). This helps meet address/data hold times for slow memories and peripherals.
0LCSn and LWE are negated normally.
1LCSn and LWE are negated earlier depending on the value of LCRR[CLKDIV].
LCRR[CLKDIV]
CSNT
Meaning
x0
LCSn and LWE are negated normally.
21
LCSn and LWE are negated normally.
4 or 8
1
LCSn and LWE are negated quarter of a bus clock cycle earlier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com