Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 521 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 521 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 517Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 518Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 519Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 520Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 521Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 522Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 523Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 524Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 525Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 521 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
13-17
13.3.1.2.4 Option Registers (ORn)—SDRAM Mode
Figure 13-5 shows the bit fields for ORn when the corresponding BRn[MSEL] selects the
SDRAM machine.
19
BCTLD Buffer control disable. Disables assertion of LBCTL during access to the current memory bank.
0 LBCTL is asserted upon access to the current memory bank.
1 LBCTL is not asserted upon access to the current memory bank.
20–22
—
Reserved
23
BI
Burst inhibit. Indicates if this memory bank supports burst accesses.
0 The bank supports burst accesses.
1 The bank does not support burst accesses. The selected UPM executes burst accesses as a series
of single accesses.
24–28
—
Reserved
29
TRLX
Timing relaxed. Works in conjunction with EHTR to extend hold time on read accesses.
30
EHTR
Extended hold time on read accesses. Indicates with TRLX how many cycles are inserted between a
read access from the current bank and the next access.
TRLX EHTR
Meaning
0
0
The memory controller generates normal timing. No additional cycles are inserted.
0
1
1 idle clock cycle is inserted.
1
0
4 idle clock cycles are inserted.
1
1
8 idle clock cycles are inserted.
31
EAD
External address latch delay. Allow extra bus clock cycles when using external address latch (LALE).
0 No additional bus clock cycles (LALE asserted for one bus clock cycle only)
1 Extra bus clock cycles are added (LALE is asserted for the number of bus clock cycles specified by
LCRR[EADC]).
0
1617 1819
2122 23
25
26
27 28
30
31
R
AM
COLS
ROWS
PMSEL
EAD
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0x0_5004 (OR0); 0x0_500c (OR1); 0x0_5014 (OR2); 0x0_501c (OR3);
0x0_5024 (OR4); 0x0_502c (OR5); 0x0_5034 (OR6); 0x0_503c (OR7);
Figure 13-5. Option Registers (ORn) in SDRAM Mode
Table 13-7. ORn
—UPM Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com