Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 523 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 523 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 519Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 520Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 521Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 522Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 523Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 524Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 525Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 526Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 527Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 523 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
13-19
Table 13-9 describes the MAR field.
13.3.1.4
UPM Mode Registers (MxMR)
The UPM machine mode registers (MAMR, MBMR and MCMR), shown in Figure 13-7, contain
the configuration for the three UPMs.
Table 13-10 describes UPM mode fields.
Table 13-9. MAR Field Description
Bits
Name
Description
0–31
A
Address that can be output to the address signals under control of the AMX bits in the UPM RAM word.
0
1
2
3
4
5
7
8
9
10
12
13
14
1718
21
22
2526
31
R
RFEN
OP
UWPL
AM
DS
G0CL
GPL4
RLF
WLF
TLF
MAD
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0x0_5070 (MAMR); 0x0_5074 (MBMR); 0x0_5078 (MCMR)
Figure 13-7. UPM Mode Registers (MxMR)
Table 13-10. MxMR Field Descriptions
Bits
Name
Description
0—
Reserved
1
RFEN Refresh enable. Indicates that the UPM needs refresh services. This bit must be set for UPMA (refresh
executor) if refresh services are required on any UPM assigned chip selects. If MAMR[RFEN] = 0, no
refresh services can be provided, even if UPMB and/or UPMC have their RFEN bit set.
0 Refresh services are not required
1 Refresh services are required
2–3
OP
Command opcode. Determines the command executed by the UPMn when a memory access hits a
UPM assigned bank. See Section 13.4.4.2, “Programming the UPMs,” for important programming
considerations.
00 Normal operation
01 Write to UPM array. On the next memory access that hits a UPM assigned bank, write the contents
of the MDR into the RAM location pointed to by MAD. After the access, MAD is automatically
incremented.
10 Read from UPM array. On the next memory access that hits a UPM assigned bank, read the
contents of the RAM location pointed to by MAD into the MDR. After the access, MAD is
automatically incremented.
11 Run pattern. On the next memory access that hits a UPM assigned bank, run the pattern written in
the RAM array. The pattern run starts at the location pointed to by MAD and continues until the
LAST bit is set in the RAM word.
4
UWPL LUPWAIT polarity active low. Sets the polarity of the LUPWAIT pin when in UPM mode.
0 LUPWAIT is active high.
1 LUPWAIT is active low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com