Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 526 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 526 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 522Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 523Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 524Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 525Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 526Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 527Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 528Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 529Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 530Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 526 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
13-22
Freescale Semiconductor
Local Bus Controller
Table 13-11 describes MRTPR fields.
13.3.1.6
UPM Data Register (MDR)
The memory data register (MDR), shown in Figure 13-9, contains data written to or read from the
RAM array for UPM read or write commands. MDR must be set up before issuing a write
command to the UPM.
Table 13-12 describes MDR[D].
13.3.1.7
SDRAM Machine Mode Register (LSDMR)
The local bus SDRAM mode register (LSDMR), shown in Figure 13-10, is used to configure
operations pertaining to SDRAM.
Table 13-11. MRTPR Field Descriptions
Bits
Name
Description
0–7
PTP
Refresh timers prescaler. Determines the period of the refresh timers input clock. The system clock is
divided by PTP except when the value is 0000_0000, which represents the maximum divider of 256.
8–31
—
Reserved
0
31
R
D
W
Reset
0000_0000_0000_0000
Offset
0x0_5088
Figure 13-9. UPM Data Register (MDR)
Table 13-12. MDR Field Description
Bits
Name
Description
0–31
D
The data to be read or written into the RAM array when a write or read command is supplied to the
UPM (MxMR[OP] = 01 or MxMR[OP] = 10).
0
1
2
4 5
7 8
10 11
13 14 15
16
17
19
20
22
23 24 25 26 27 28
29
30 31
R
RFEN OP
BSMA
RFCR RFCR PRETOACT ACTTORW BL
WRC
BUFCMD
CL
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0x0_5094
Figure 13-10. SDRAM Machine Mode Register (LSDMR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com