Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 530 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 530 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 526Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 527Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 528Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 529Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 530Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 531Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 532Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 533Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 534Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 530 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
13-26
Freescale Semiconductor
Local Bus Controller
13.3.1.10 Transfer Error Status Register (LTESR)
The LBC has five registers for error management.
•
The transfer error status register (LTESR) indicates the cause of an error.
•
The transfer error check disable register (LTEDR) is used to enable (and disable) error
checking.
•
The transfer error check interrupt register (LTEIR) enables reporting of errors through an
interrupt.
•
The transfer error attributes register (LTEATR) captures source attributes of an error.
•
The transfer error address register (LTEAR) captures the address of a transaction that
caused an error.
LTESR, shown in Figure 13-13, is a write-one-to-clear register. Reading LTESR occurs normally;
however, write operations can clear but not set bits. A bit is cleared whenever the register is written
and the data in the corresponding bit location is a 1. For example, to clear only the write protect
error bit (LTESR[WP]) without affecting other LTESR bits, 0x0400_0000 should be written to the
register.
Table 13-16 describes LTESR fields.
0
1
2
3
4
5
6
7
8
9
10 111213
31
R
BM
PAR
WP
ATMW ATMR
CS
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0x0_50B0
Figure 13-13. Transfer Error Status Register (LTESR)
Table 13-16. LTESR Field Descriptions
Bits
Name
Description
0
BM
Bus monitor time-out
0 No local bus monitor time-out occurred.
1 Local bus monitor time-out occurred. No data beat was acknowledged on the bus within
LBCR[BMT]
× 8 bus clock cycles from the start of a transaction.
1—
Reserved
2
PAR
Parity
0 No local bus parity error
1 Local bus parity error. LTEATR[PB] indicates the byte lane that caused the error and LTEATR[BNK]
indicates which memory controller bank was accessed.
3–4
—
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com