Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 533 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 533 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 529Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 530Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 531Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 532Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 533Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 534Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 535Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 536Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 537Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 533 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
13-29
Table 13-18 describes LTEIR fields.
13.3.1.13 Transfer Error Attributes Register (LTEATR)
Figure 13-16 shows the LTEATR. After LTEATR[V] has been set, software must clear this bit to
allow LTEATR and LTEAR to update following any subsequent errors.
Table 13-18. LTEIR Field Descriptions
Bits
Name
Description
0
BMI
Bus monitor error interrupt enable
0 Bus monitor error reporting is disabled.
1 Bus monitor error reporting is enabled.
1—
Reserved
2
PARI
Parity error interrupt enable. Note that uncorrectable read errors may cause the assertion of
core_fault_in, which causes the core to generate a machine check interrupt, unless it is disabled (by
clearing HID1[RFXE]). If RFXE is zero and this error occurs, LTEDR[PARD] must be cleared and PARI
must be set to ensure that an interrupt is generated. For more information, see Section 6.10.2,
“Hardware Implementation-Dependent Register 1 (HID1).”
0 Parity error reporting is disabled.
1 Parity error reporting is enabled.
3–4
—
Reserved
5
WPI
Write protect error interrupt enable
0 Write protect error reporting is disabled.
1 Write protect error reporting is enabled.
6–7
—
Reserved
8
WARA Write-after-read atomic (WARA) error interrupt enable
0 WARA error reporting is disabled.
1 WARA error reporting is enabled.
9
RAWA Read-after-write atomic (RAWA) error interrupt enable
0 RAWA error reporting is disabled.
1 RAWA error reporting is enabled.
10–11
—
Reserved
12
CSI
Chip select error interrupt enable
0 Chip select error reporting is disabled.
1 Chip select error reporting is enabled.
13–31
—
Reserved
0
2
3
4
10 11
15 16
19 20
27 28 29 30 31
R
RWB
SRCID
PB
BNK
XA
V
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0x0_50BC
Figure 13-16. Transfer Error Attributes Register (LTEATR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com