Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 535 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 535 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 531Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 532Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 533Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 534Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 535Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 536Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 537Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 538Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 539Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 535 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
13-31
13.3.1.15 Local Bus Configuration Register (LBCR)
The local bus configuration register (LBCR) is shown in Figure 13-18.
Table 13-21 describes LBCR fields.
01
7
8
9
10
11 12 13
14
15
16
23 24
31
R
LDIS
BTCLC AHD
LPBSE EPAR
BMT
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0x0_50D0
Figure 13-18. Local Bus Configuration Register
Table 13-21. LBCR Field Descriptions
Bits
Name
Description
0
LDIS
Local bus disable
0 Local bus is enabled
1 Local bus is disabled. No internal transactions will be acknowledged.
1–7
—
Reserved
8–9
BCTLC Defines the use of LBCTL
00 LBCTL is used as W/R control for GPCM or UPM accesses (buffer control).
01 LBCTL is used as LOE for GPCM accesses only.
10 LBCTL is used as LWE for GPCM accesses only.
11 Reserved.
10
AHD
Address hold disable. Removes part of the hold time for LAD with respect to LALE in order to lengthen
the LALE pulse
0 During address phases on the local bus, the LALE signal negates one platform clock period prior to
the address being invalidated. At 333 MHz, this provides 3 ns of additional address hold time at the
external address latch.
1 During address phases on the local bus, the LALE signal negates half of one platform clock period
prior to the address being invalidated. This halves the address hold time, but extends the latch
enable duration. This may be necessary for very high frequency designs.
11–13
—
Reserved
14
LPBSE Enables parity byte select on LGTA/LGPL4/LUPWAIT/LPBSE pin.
0 Parity byte select is disabled. LGTA/LGPL4/LUPWAIT/LPBSE pin is available for memory control as
LGPL4 (output) or LGTA/LUPWAIT (input).
1 Parity byte select is enabled. LGTA/LGPL4/LUPWAIT/LPBSE pin is dedicated as the parity byte
select output, and LGTA/LUPWAIT is disabled.
15
EPAR Determines odd or even parity. Writing the memory with EPAR = 1 and reading the memory with
EPAR = 0 generates parity errors for testing.
0 Odd parity
1 Even parity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com