Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 531 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 531 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 527Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 528Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 529Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 530Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 531Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 532Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 533Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 534Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 535Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 531 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
13-27
13.3.1.11 Transfer Error Check Disable Register (LTEDR)
The transfer error check disable register (LTEDR), shown in Figure 13-14, is used to disable error
checking. Note that control of error checking is independent of control of reporting of errors
(LTEIR) through the interrupt mechanism.
Table 13-17 describes LTEDR fields.
5
WP
Write protect error
0 No write protect error occurred.
1 A write was attempted to a local bus memory region that was defined as read-only in the memory
controller. Usually, in this case, a bus monitor time-out will occur (as the cycle is not automatically
terminated).
6–7
—
Reserved
8ATMW Atomic error write
0 No atomic write error occurred.
1 The subsequent write (WARA) to a memory bank did not occur within 256 bus clock cycles.
9
ATMR Atomic error read
0 No atomic read error occurred.
1 The subsequent read (RAWA) to a memory bank did not occur within 256 bus clock cycles.
10–11
—
Reserved
12
CS
Chip select error
0 No chip select error occurred.
1 A transaction was sent to the LBC that did not hit any memory bank.
13–31
—
Reserved
0
1
2
3
4
5
6
7
8
9
10
11
12
13
31
R
BMD
PARD
WPD
WARA RAWA
CSD
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0x0_50B4
Figure 13-14. Transfer Error Check Disable Register (LTEDR)
Table 13-17. LTEDR Field Descriptions
Bits
Name
Description
0
BMD
Bus monitor disable
0 Bus monitor is enabled
1 Bus monitor is disabled
1—
Reserved
Table 13-16. LTESR Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com