Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 534 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 534 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 530Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 531Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 532Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 533Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 534Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 535Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 536Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 537Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 538Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 534 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
13-30
Freescale Semiconductor
Local Bus Controller
Table 13-19 describes LTEATR fields.
13.3.1.14 Transfer Error Address Register (LTEAR)
The transfer error address register (LTEAR) is shown in Figure 13-17.
Table 13-20 describes LTEAR[A].
Table 13-19. LTEATR Field Descriptions
Bits
Name
Description
0–2
—
Reserved
3
RWB
Transaction type for the error
0 The transaction for the error was a write transaction.
1 The transaction for the error was a read transaction.
4–10
—
Reserved
11–15
SRCID Captures the source of the transaction when this information is provided on the internal interface to the
LBC.
16–19
PB
Parity error on byte. There are four parity error status bits, one per byte lane. A bit is set for the byte
that had a parity error (bit 16 represents byte 0, the most significant byte lane).
20–27
BNK
Memory controller bank. There is one error status bit per memory controller bank (bit 20 represents
bank 0). A bit is set for the local bus memory controller bank that had an error. Note that BNK is invalid
if the error was not caused by parity checks.
28–29
XA
Extended address for the error. These bits capture the two msbs of the 34-bit address of the
transaction resulting in an error.
30
—
Reserved
31
V
Error attribute capture is valid. Indicates that the captured error information is valid
0 Captured error attributes and address are not valid
1 Captured error attributes and address are valid
0
31
R
A
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0x0_50C0
Figure 13-17. Transfer Error Address Register (LTEAR)
Table 13-20. LTEAR Field Descriptions
Bits
Name
Description
0–31
A
Transaction address for the error. Holds the 32 lsbs of the 34-bit address of the transaction resulting
in an error.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com