Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 537 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 537 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 533Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 534Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 535Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 536Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 537Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 538Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 539Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 540Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 541Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 537 / 1302 page
background image
Functional Description
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
13-33
13.4 Functional Description
The LBC allows the implementation of memory systems with very specific timing requirements.
•
The SDRAM machine provides an interface to SDRAMs using bank interleaving and
back-to-back page mode to achieve high performance through a multiplexed address/data
bus. An internal DLL for bus clock generation ensures improved data set-up margins for
board designs.
•
The GPCM provides interfacing for simpler, lower-performance memories and
memory-mapped devices. It has inherently lower performance because it does not support
bursting. For this reason, GPCM-controlled banks are used primarily for boot-loading and
access to low-performance memory-mapped peripherals.
•
The UPM supports refresh timers, address multiplexing of the external bus and generation
of programmable control signals for row address and column address strobes, to allow for
a minimal glue logic interface to DRAMs, burstable SRAMs, and almost any other kind of
peripheral. The UPM can be used to generate flexible, user-defined timing patterns for
control signals that govern a memory device. These patterns define how the external control
signals behave during a read, write, burst-read, or burst-write access. Refresh timers are
also available to periodically initiate user-defined refresh patterns.
14–15
EADC
External address delay cycles. Defines the number of cycles for the assertion of LALE. Note that
LALE negates prior to the end of the final local bus clock, as controlled by LBCR[AHD].
00 4
01 1
10 2
11 3
16–27
—
Reserved
28–31
CLKDIV
System (CCB) clock divider. Sets the frequency ratio between the system (CCB) clock and the
memory bus clock. Only the values shown in the table below are allowed.
0000–0001Reserved
0010 2
0011 Reserved
0100 4
0101–0111Reserved
1000 8
1001–1111Reserved
Table 13-22. LCRR Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com