Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 541 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 541 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 537Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 538Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 539Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 540Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 541Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 542Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 543Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 544Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 545Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 541 / 1302 page
background image
Functional Description
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
13-37
Figure 13-22. Basic LBC Bus Cycle with LALE, TA, and LCSn
13.4.1.4
Data Buffer Control (LBCTL)
The memory controller provides a data buffer control signal for the local bus (LBCTL). This signal
is activated when a GPCM or UPM controlled bank is accessed. LBCTL can be disabled by setting
ORn[BCTLD]. Access to an SDRAM machine controlled bank does not activate the LBCTL
control. LBCTL can be further configured by LBCR[BCTLC] to act as an extra LWE or an extra
LOE signal when in GPCM mode.
If LBCTL is configured as a data buffer control (LBCR[BCTLC] = 00), the signal is asserted
(high) on the rising edge of the bus clock on the first cycle of the memory controller operation,
coincident with LALE. If the access is a write, LBCTL remains high for the whole duration.
However, if the access is a read, LBCTL is negated (low) with the negation of LALE so that the
memory device is able to drive the bus. If back-to-back read accesses are pending, LBCTL is
asserted (high) one bus clock cycle before the next transaction starts (that is, one bus clock cycle
before LALE) to allow a whole bus cycle for the bus to turn around before the next address is
driven.
If an external bus transceiver is used, LBCTL should be used to signify the write direction when
high. Note that the default (reset and bus idle) value of LBCTL is also high.
13.4.1.5
Atomic Operation
The LBC supports the following kinds of atomic bus operations (set by BRn[ATOM]):
•
Read-after-write atomic (RAWA). When a write access hits a memory bank in which
ATOM = 01, the LBC reserves the selected memory bank for the exclusive use of the
accessing master.
While the bank is reserved, no other device can be granted access to this bank. The
reservation is released when the master that created it accesses the same bank with a read
transaction. Additional write transactions prior to the releasing read do not change
reservation status, but are otherwise processed normally. If the master fails to release the
LAD
LALE
LCSn
TA
Address
Data
LCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com