Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 543 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 543 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 539Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 540Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 541Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 542Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 543Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 544Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 545Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 546Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 547Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 543 / 1302 page
background image
Functional Description
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
13-39
Also, the output enable signal (LOE) is provided to minimize external glue logic. On system reset,
a global (boot) chip-select is available that provides a boot ROM chip-select (LCS0) prior to the
system being fully configured.
Figure 13-23. Local Bus to GPCM Device Interface
Figure 13-24 shows LCS as defined by the setup time required between the address lines and CE.
The user can configure ORn[ACS] to specify LCS to meet this requirement.
Figure 13-24. GPCM Basic Read Timing (XACS = 0, ACS = 1x, TRLX = 0,
CLKDIV = 4,8)
13.4.2.1
Timing Configuration
If BRn[MSEL] selects the GPCM, the attributes for the memory cycle are taken from ORn. These
attributes include the CSNT, ACS, XACS, SCY, TRLX, EHTR, and SETA fields. Table 13-23
CE
OE
W[3:0]
Data[7:0]
Memory/Peripheral
LALE
LWE[0:3]
LOE
LCSn
LA[30:31]
LA[27:29]
LAD[12:26]
A[19:5]
A[4:2]
A[0:1]
LBC in GPCM
Mode
Latch
LAD[0:7]
LCLK
LAD
LALE
LCSn
LOE
Address
Read Data
A[19:5]
Latched Address
TA
ACS = 11
ACS = 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com