Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 539 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 539 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 535Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 536Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 537Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 538Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 539Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 540Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 541Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 542Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 543Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 539 / 1302 page
background image
Functional Description
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
13-35
13.4.1.2
External Address Latch Enable Signal (LALE)
The local bus uses a multiplexed address/data bus. Therefore the LBC must distinguish between
address and data phases, which take place on the same bus (LAD[0:31] pins). The LALE signal,
when asserted, signifies an address phase during which the LBC drives the memory address on the
LAD[0:31] pins. An external address latch uses this signal to capture the address and provide it to
the address pins of the memory or peripheral device. When LALE is negated, LAD[0:31] then
serves as the (bi-directional) data bus for the access. Any address phase initiates the assertion of
LALE, which has a programmable duration of between 1 and 4 bus clock cycles.
To ensure adequate hold time on the external address latch, LALE negates earlier than the address
changes on LAD[0:31] during address phases. By default, LALE negates earlier by an amount
equal to the platform clock period (which, divided by LCRR[CLKDIV], yields the bus clock). For
example, if LBC is operating at 333 MHz internally, then an additional 3 ns of address hold time
is introduced. However, when LCRR[CLKDIV] = 2 and the LCLK frequency exceeds 100 MHz,
the duration of the shortened LALE pulse may not meet the minimum latch enable pulse width
specifications of some latches. In such cases, setting LBCR[AHD] = 1 increases the LALE pulse
width by half of one platform clock cycle, and decreases the address hold time by the same
amount. At 333 MHz and with LCRR[CLKDIV] = 2, the duration of LALE would then be 4.5 ns,
with 1.5 ns of hold time. If both longer hold time and longer LALE pulse duration are needed, then
the address phase can be extended using the ORn[EAD] and LCRR[EADC] fields, and the
LBCR[AHD] bit can be left at 0. However, this will add latency to all address tenures.
The frequency of LALE assertion varies across the three memory controllers. For GPCM, every
assertion of LCSn is considered an independent access, and accordingly, LALE asserts prior to
each such access. For example, GPCM driving an 8-bit port would assert LALE and LCSn 32
times in order to satisfy a 32-byte cache line transfer. The SDRAM controller asserts LALE only
to initiate a burst transfer with a starting address, therefore no more than one assertion of LALE
may be required for SDRAM to transfer a 32-byte cache line through a 32-bit port. In the case of
UPM, the frequency of LALE assertion depends on how the UPM RAM is programmed. UPM
single accesses typically assert LALE once, upon commencement, but it is possible to program
UPM to assert LALE several times, and to change the values of LA[27:31] with and without LALE
being involved. In general, when using the GPCM and SDRAM controllers it is not necessary to
use LA[27:31] if a sufficiently wide latch is used to capture the entire address during LALE
phases. UPM may require LA[27:31] if the LBC is generating its own burst address sequence.
To illustrate how a large transaction is handled by the LBC, Figure 13-21 shows LBC signals for
GPCM performing a 32-byte write starting at address 0x5420. Note that during each of the 32
assertions of LALE, LA[27:31] exactly mirror LAD[27:31], but during data phases, only
LAD[0:7] and LDP[0] are driven with valid data and parity, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com