Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 538 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 538 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 534Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 535Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 536Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 537Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 538Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 539Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 540Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 541Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 542Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 538 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
13-34
Freescale Semiconductor
Local Bus Controller
Figure 13-20. Basic Operation of Memory Controllers in the LBC
Each memory bank (chip select) can be assigned to any one of these three type of machines
through the machine select bits of the base register for that bank (BRn[MSEL]), as illustrated in
Figure 13-20. If a bank match occurs, the corresponding machine (GPCM, SDRAM or UPM) then
takes ownership of the external signals that control the access and maintains control until the
transaction ends.
13.4.1 Basic Architecture
The following sections describe the basic architecture of the LBC.
13.4.1.1
Address and Address Space Checking
The defined base addresses are written to the BRn registers, while the corresponding address
masks are written to the ORn registers. Each time a local bus access is requested, the internal
transaction address is compared with each bank. Addresses are decoded by comparing the 19 msbs
of the address, masked by ORn[XAM] and ORn[AM], with the base address for each bank
(BRn[XBA] and BRn[BA]). If a match is found on a memory controller bank, the attributes
defined in the BRn and ORn for that bank are used to control the memory access. If a match is
found in more than one bank, the lowest-numbered bank handles the memory access (that is, bank
0 has priority over bank 1).
Address
Comparator
Bank Select
UPM A/B/C
GPCM
MSEL
Field
Signals
Timing
Generator
MUX
Internal Memory Access Request Select
34-bit System
External Signals
SDRAM Machine
Address
32-Bit Physical
RAM Address (A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com