Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 540 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 540 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 536Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 537Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 538Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 539Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 540Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 541Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 542Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 543Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 544Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 540 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
13-36
Freescale Semiconductor
Local Bus Controller
Figure 13-21. Example of 8-Bit GPCM Writing 32 Bytes to Address 0x5420
13.4.1.3
Data Transfer Acknowledge (TA)
The three memory controllers in the LBC generate an internal transfer acknowledge signal, TA, to
allow data on LAD[0:31] to be either sampled (for reads) or changed (on writes). The data
sampling/data change always occurs at the end of the bus cycle in which the LBC asserts TA
internally. In LBC debug mode, TA is also visible externally on the MDVAL pin. GPCM and
SDRAM controllers automatically generate TA according to the timing parameters programmed
for them in option and mode registers; a UPM generates TA only when a UPM pattern has the UTA
RAM word bit set. Figure 13-22 shows LALE, TA (internal), and LCSn. Note that TA and LALE
are never asserted together, and that for the duration of LALE, LCSn (or any other control signal)
remains negated or frozen.
00
00
00
00
00
00
00
00
01
02
03
1C
1D
1E
1F
0P(B0)
000
00
0
P(B1)P(B2)P(B29)P(B30)
P(B31)
D(B0)
D(B1)D(B2)D(B29)D(B30)
D(B31)
54
54
54
54
54
54
54
0
000
0
0
0
20
21
22
23
3F
3E
3D
Note: All address and signal values are shown in hexadecimal.
D(Bk) = kth of 32 data bytes, P(Bk) = parity bit of kth data byte.
LCLK
LALE
LCSn
LWE
LA[27:31]
LAD[0:7]
LAD[8:31]
LDP[0]
LDP[1:3]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com