Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 532 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 532 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 528Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 529Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 530Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 531Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 532Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 533Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 534Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 535Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 536Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 532 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
13-28
Freescale Semiconductor
Local Bus Controller
13.3.1.12 Transfer Error Interrupt Enable Register (LTEIR)
The transfer error interrupt enable register (LTEIR), shown in Figure 13-15, is used to send or
block error reporting through the LBC internal interrupt mechanism. Software should clear
pending errors in LTESR before enabling interrupts. After an interrupt has occurred, clearing
relevant LTESR error bits negates the interrupt.
2
PARD Parity error checking disabled. Note that uncorrectable read errors may cause the assertion of
core_fault_in, which causes the core to generate a machine check interrupt, unless it is disabled (by
clearing HID1[RFXE]). If RFXE is zero and this error occurs, PARD must be cleared and LTEIR[PARI]
must be set to ensure that an interrupt is generated. For more information, see Section 6.10.2,
“Hardware Implementation-Dependent Register 1 (HID1).”
0 Parity error checking is enabled.
1 Parity error checking is disabled.
3–4
—
Reserved
5
WPD
Write protect error checking disable
0 Write protect error checking is enabled.
1 Write protect error checking is disabled.
6–7
—
Reserved
8
WARA Write-after-read atomic (WARA) error checking disable
0 WARA error checking is enabled.
1 WARA error checking is disabled.
9
RAWA Read-after-write atomic (RAWA) error checking disable
0 RAWA error checking is enabled.
1 RAWA error checking is disabled.
10–11
—
Reserved
12
CSD
Chip select error checking disable
0 Chip select error checking is enabled.
1 Chip select error checking is disabled.
13–31
—
Reserved
0
1
2
3
4
5
6
7
8
9
10
11
12
13
31
R
BMI
PARI
WPI
WARA
RAWA
CSI
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0x0_50B8
Figure 13-15. Transfer Error Interrupt Enable Register (LTEIR)
Table 13-17. LTEDR Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com