Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 524 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 524 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 520Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 521Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 522Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 523Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 524Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 525Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 526Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 527Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 528Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 524 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
13-20
Freescale Semiconductor
Local Bus Controller
5–7
AM
Address multiplex size. Determines how the address of the current memory cycle can be output on the
address pins. This field is needed when interfacing with devices requiring row and column addresses
multiplexed on the same pins.
8–9
DS
Disable timer period. Guarantees a minimum time between accesses to the same memory bank
controlled by UPMn. The disable timer is turned on by the TODT bit in the RAM array word, and when
expired, the UPMn allows the machine access to handle a memory pattern to the same bank. Accesses
to a different bank by the same UPMn is also allowed. To avoid conflicts between successive accesses
to different banks, the minimum pattern in the RAM array for a request serviced, should not be shorter
than the period established by DS.
00 1-bus clock cycle disable period
01 2-bus clock cycle disable period
10 3-bus clock cycle disable period
11 4-bus clock cycle disable period
10–12
G0CL General line 0 control. Determines which logical address line can be output to the LGPL0 pin when the
UPMn is selected to control the memory access.
000 A12
001 A11
010 A10
011 A9
100 A8
101 A7
110 A6
111 A5
13
GPL4 LGPL4 output line disable. Determines how the LGPL4/LUPWAIT pin is controlled by the
corresponding bits in the UPMn array. See Table 13-30 on page 13-69.
Table 13-10. MxMR Field Descriptions (continued)
Bits
Name
Description
Value LA0–LA15
LA16
LA17
LA18
LA19–LA28
LA29
LA30
LA31
000
0
A8
A9
A10
A11–A20
A21
A22
A23
001
0
A7
A8
A9
A10–A19
A20
A21
A22
010
0
A6
A7
A8
A9–A18
A19
A20
A21
011
0
A5
A6
A7
A8–A17
A18
A19
A20
100
0
A4
A5
A6
A7–A16
A17
A18
A19
101
0
A3
A4
A5
A6–A15
A16
A17
A18
110
Reserved
111
Reserved
Value
LGPL4/LUPWAIT
Pin Function
Interpretation of UPM Word Bits
G4T1/DLT3
G4T3/WAEN
0
LGPL4 (output)
G4T1
G4T3
1
LUPWAIT (input)
DLT3
WAEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com