Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 525 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 525 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 521Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 522Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 523Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 524Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 525Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 526Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 527Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 528Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 529Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 525 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
13-21
13.3.1.5
Memory Refresh Timer Prescaler Register (MRTPR)
The refresh timer prescaler register (MRTPR), shown in Figure 13-8, is used to divide the system
clock to provide the SDRAM and UPM refresh timers clock.
14–17
RLF
Read loop field. Determines the number of times a loop defined in the UPMn will be executed for a
burst- or single-beat read pattern or when MxMR[OP] = 11 (RUN command)
0000 16
0001 1
0010 2
0011 3
...
1110 14
1111 15
18–21
WLF
Write loop field. Determines the number of times a loop defined in the UPMn will be executed for a
burst- or single-beat write pattern.
0000 16
0001 1
0010 2
0011 3
...
1110 14
1111 15
22–25
TLF
Refresh loop field. Determines the number of times a loop defined in the UPMn will be executed for a
refresh service pattern.
0000 16
0001 1
0010 2
0011 3
...
1110 14
1111 15
26–31
MAD
Machine address. RAM address pointer for the command executed. This field is incremented by 1 each
time the UPM is accessed, and the OP field is set to WRITE or READ. Address range is 64 words per
UPMn.
07
8
31
R
PTP
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0x0_5084
Figure 13-8. Memory Refresh Timer Prescaler Register (MRTPR)
Table 13-10. MxMR Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com