Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 522 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 522 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 518Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 519Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 520Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 521Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 522Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 523Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 524Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 525Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 526Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 522 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
13-18
Freescale Semiconductor
Local Bus Controller
Table 13-8 describes BRn fields for SDRAM mode.
13.3.1.3
UPM Memory Address Register (MAR)
Figure 13-6 shows the fields of the UPM memory address register (MAR).
Table 13-8. ORn
—SDRAM Field Descriptions
Bits
Name
Description
0–16
AM
SDRAM address mask. Masks corresponding BRn bits. Masking address bits independently allows
external devices of different size address ranges to be used. Address mask bits can be set or cleared
in any order in the field, allowing a resource to reside in more than one area of the address map. AM
can be read or written at any time.
0 Corresponding address bits are masked.
1 The corresponding address bits are used in the comparison with address pins.
17–18
—
Reserved
19–21
COLS
Number of column address lines. Sets the number of column address lines in the SDRAM device.
000 7
001 8
010 9
011 10
100 11
101 12
110 13
111 14
22
—
Reserved
23–25
ROWS
Number of row address lines. Sets the number of row address lines in the SDRAM device.
000 9
001 10
010 11
011 12
100 13
101 14
110 15
111 Reserved
26
PMSEL Page mode select. Selects page mode for the SDRAM connected to the memory controller bank.
0 Back-to-back page mode (normal operation). Page is closed when the bus becomes idle.
1 Page is kept open until a page miss or refresh occurs.
27–30
—
Reserved
31
EAD
External address latch delay. Allow extra bus clock cycles when using external address latch (LALE).
0 No additional bus clock cycles (LALE asserted for one bus clock cycle only)
1 Extra bus clock cycles are added (LALE is asserted for the number of bus clock cycles specified
by LCRR[EADC]).
0
31
R
A
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0x0_5068
Figure 13-6. UPM Memory Address Register (MAR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com