Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 520 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 520 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 516Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 517Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 518Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 519Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 520Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 521Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 522Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 523Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 524Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 520 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
13-16
Freescale Semiconductor
Local Bus Controller
13.3.1.2.3 Option Registers (ORn)—UPM Mode
Figure 13-4 shows the bit fields for ORn when the corresponding BRn[MSEL] selects a UPM
machine.
Table 13-7 describes BRn fields for UPM mode.
30
EHTR
Extended hold time on read accesses. Indicates with TRLX how many cycles are inserted between
a read access from the current bank and the next access.
TRLX
EHTR
Meaning
0
0
The memory controller generates normal timing. No additional
cycles are inserted.
0
1
1 idle clock cycle is inserted.
1
0
4 idle clock cycles are inserted.
1
1
8 idle clock cycles are inserted.
31
EAD
External address latch delay. Allow extra bus clock cycles when using external address latch (LALE).
0 No additional bus clock cycles (LALE asserted for one bus clock cycle only)
1 Extra bus clock cycles are added (LALE is asserted for the number of bus clock cycles specified
by LCRR[EADC]).
0
181920
22 23 24
28
29
30
31
R
AM
BCTLD
BI
TRLX EHTR EAD
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0x0_5004 (OR0); 0x0_500c (OR1); 0x0_5014 (OR2); 0x0_501c (OR3);
0x0_5024 (OR4); 0x0_502c (OR5); 0x0_5034 (OR6); 0x0_503c (OR7);
Figure 13-4. Option Registers (ORn) in UPM Mode
Table 13-7. ORn
—UPM Field Descriptions
Bits
Name
Description
0–16
AM
UPM address mask. Masks corresponding BRn bits. Masking address bits independently allows
external devices of different size address ranges to be used. Address mask bits can be set or cleared
in any order in the field, allowing a resource to reside in more than one area of the address map.
0 Corresponding address bits are masked.
1 The corresponding address bits are used in the comparison with address pins.
17–18
—
Reserved
Table 13-6. ORn
—GPCM Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com