Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 519 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 519 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 515Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 516Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 517Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 518Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 519Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 520Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 521Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 522Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 523Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 519 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
13-15
21–22
ACS
Address to chip-select setup. Determines the delay of the LCSn assertion relative to the address
change when the external memory access is handled by the GPCM. At system reset, OR0[ACS] = 11.
LCRR[CLKDIV]
Value
Meaning
x00
LCSn is output at the same time as the address lines. Note that
this overrides the value of CSNT such that CSNT=0.
01
Reserved.
210
LCSn is output a half bus clock cycle after the address lines.
11
LCSn is output a half bus clock cycle after the address lines.
4 or 8
10
LCSn is output a quarter bus clock cycle after the address lines.
11
LCSn is output a half bus clock cycle after the address lines.
23
XACS
Extra address to chip-select setup. Setting this bit increases the delay of the LCSn assertion relative
to the address change when the external memory access is handled by the GPCM. After a system
reset, OR0[XACS] = 1.
0 Address to chip-select setup is determined by ORx[ACS] and LCRR[CLKDIV].
1 Address to chip-select setup is extended (see Table 13-23 and Table 13-24 for LCRR[CLKDIV] = 4
or 8, Table 13-25 and Table 13-26 for LCRR[CLKDIV] = 2).
24–27
SCY
Cycle length in bus clocks. Determines the number of wait states inserted in the bus cycle, when the
GPCM handles the external memory access. Thus it is the main parameter for determining cycle
length. The total cycle length depends on other timing attribute settings. After a system reset,
OR0[SCY] = 1111.
0000 No wait states
0001 1 bus clock cycle wait state
...
1111 15 bus clock cycle wait states
28
SETA
External address termination
0 Access is terminated internally by the memory controller unless the external device asserts LGTA
earlier to terminate the access.
1 Access is terminated externally by asserting the LGTA external pin. (Only LGTA can terminate the
access).
29
TRLX
Timing relaxed. Modifies the settings of timing parameters for slow memories or peripherals.
0 Normal timing is generated by the GPCM.
1 Relaxed timing on the following parameters:
•Adds an additional cycle between the address and control signals (only if ACS
≠ 00)
•Doubles the number of wait states specified by SCY, providing up to 30 wait states
•Works in conjunction with EHTR to extend hold time on read accesses
•LCSn (only if ACS
≠ 00) and LWE signals are negated one cycle earlier during writes.
Table 13-6. ORn
—GPCM Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com