Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 515 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 515 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 511Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 512Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 513Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 514Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 515Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 516Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 517Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 518Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 519Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 515 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
13-11
Bits designated as write-one-to-clear are cleared only by writing ones to them. Writing zeros to
them has no effect.
13.3.1.1
Base Registers (BR0–BR7)
The base registers (BRn), shown in Figure 13-2, contain the base address and address types for
each memory bank. The memory controller uses this information to compare the address bus value
with the current address accessed. Each register (bank) includes a memory attribute and selects the
machine for memory operation handling. Note that after system reset, BR0[V] is set,
BR1[V]–BR7[V] are cleared, and the value of BR0[PS] reflects the initial port size configured by
the boot ROM location pins.
Table 13-4 describes BRn fields.
0
16
17 181920
21
22
23
24
2627
28
29
30
31
R
BA
—
PS
DECC WP
MSEL
ATOM
V
W
Reset
0000_0000_0000_0000_000P_S000_0000_0000/1 1
Offset
0x0_5000 (BR0); 0x0_5008 (BR1); 0x0_5010 (BR2); 0x0_5018 (BR3);
0x0_5020 (BR4); 0x0_5028 (BR5); 0x0_5030 (BR6); 0x0_5038 (BR7);
1 BR0 has its valid bit set during reset. Thus bank 0 is valid with the port size (PS) configured from external boot ROM
configuration pins during reset. All other base registers have all bits cleared to zero during reset.
Figure 13-2. Base Registers (BRn)
Table 13-4. BRn Field Descriptions
Bits
Name
Description
0–16
BA
Base address. The upper 17 bits of each base register are compared to the address on the address
bus to determine if the bus master is accessing a memory bank controlled by the memory controller.
Used with the address mask bits ORn[AM].
17–18
—
Reserved
19–20
PS
Port size. Specifies the port size of this memory region. For BR0, PS is configured from the boot ROM
location pins during reset. For all other banks the value is reset to 00 (port size not defined).
00 Reserved
01 8-bit
10 16-bit
11 32-bit
21–22 DECC Specifies the method for data error checking.
00 Data error checking disabled, but normal parity generation
01 Normal parity generation and checking
10 Read-modify-write parity generation and normal parity checking (32-bit port size only)
11 Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com