| Electronic Components Datasheet Search |
|
MPC8540 Datasheet(PDF) 514 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8540 Datasheet(HTML) 514 Page - Freescale Semiconductor, Inc |
|
514 / 1302 page ![]() MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1 13-10 Freescale Semiconductor Local Bus Controller 13.3.1 Register Descriptions This section provides a detailed description of the LBC configuration, status, and control registers with detailed bit and field descriptions. Address offsets in the LBC address range that are not defined in Table 13-3 should not be accessed for reading or writing. Similarly, only zero should be written to reserved bits of defined registers, as writing ones can have unpredictable results in some cases. 0x0_5004 OR0—Options register 0 R/W 0x0000_0FF7 13.3.1.2/13-12 0x0_500C OR1—Options register 1 0x0000_0000 0x0_5014 OR2—Options register 2 0x0_501C OR3—Options register 3 0x0_5024 OR4—Options register 4 0x0_502C OR5—Options register 5 0x0_5034 OR6—Options register 6 0x0_503C OR7—Options register 7 0x0_5068 MAR—UPM address register R/W 0x0000_0000 13.3.1.3/13-18 0x0_5070 MAMR—UPMA mode register R/W 0x0000_0000 13.3.1.4/13-19 0x0_5074 MBMR—UPMB mode register R/W 0x0000_0000 13.3.1.4/13-19 0x0_5078 MCMR—UPMC mode register R/W 0x0000_0000 13.3.1.4/13-19 0x0_5084 MRTPR—Memory refresh timer prescaler register R/W 0x0000_0000 13.3.1.5/13-21 0x0_5088 MDR—UPM data register R/W 0x0000_0000 13.3.1.6/13-22 0x0_5094 LSDMR—SDRAM mode register R/W 0x0000_0000 13.3.1.7/13-22 0x0_50A0 LURT—UPM refresh timer R/W 0x0000_0000 13.3.1.8/13-24 0x0_50A4 LSRT—SDRAM refresh timer R/W 0x0000_0000 13.3.1.9/13-25 0x0_50B0 LTESR—Transfer error status register Read/Bit reset 0x0000_0000 13.3.1.10/13-26 0x0_50B4 LTEDR—Transfer error disable register R/W 0x0000_0000 13.3.1.11/13-27 0x0_50B8 LTEIR—Transfer error interrupt register R/W 0x0000_0000 13.3.1.12/13-28 0x0_50BC LTEATR—Transfer error attributes register R/W 0x0000_0000 13.3.1.13/13-29 0x0_50C0 LTEAR—Transfer error address register R/W 0x0000_0000 13.3.1.14/13-30 0x0_50D0 LBCR—Configuration register R/W 0x0000_0000 13.3.1.15/13-31 0x0_50D4 LCRR—Clock ratio register R/W 0x8000_0008 13.3.1.16/13-32 1 Port size for BR0 is configured from external pins during reset, hence ‘nn’ is either 0x08, 0x10, or 0x18. Table 13-3. Local Bus Controller Memory Map (continued) Address Offset Use Access Reset Section/Page |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |