Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 512 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 512 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 508Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 509Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 510Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 511Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 512Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 513Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 514Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 515Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 516Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 512 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
13-8
Freescale Semiconductor
Local Bus Controller
LAD[0:31]
I/O Multiplexed address/data bus. For configuration of a port size in BRn[PS] as 32 bits, all of LAD[0:31] must
be connected to the external RAM data bus, with LAD[0:7] occupying the most significant byte lane
(at address offset 0). For a port size of 16 bits, LAD[0:7] connect to the most significant byte lane
(at address offset 0), while LAD[8:15] connect to the least-significant byte lane (at address offset 1);
LAD[16:31] are unused for 16-bit port sizes. For a port size of 8 bits, only LAD[0:7] are connected
to the external RAM.
State
Meaning
Asserted/Negated—LAD[0:31] is the shared 32-bit address/data bus through which external
RAM devices transfer data and receive addresses.
Timing Assertion/Negation—During assertion of LALE, LAD[0:31] are driven with the RAM address for
the access to follow. External logic should propagate the address on LAD[0:31] while
LALE is asserted, and latch the address upon negation of LALE. After LALE is negated,
LAD[0:31] are either driven by write data or are made high impedance by the LBC in order
to sample read data driven by an external device. Following the last data transfer of a
write access, LAD[0:31] are again taken into a high-impedance state.
LDP[0:3]
I/O Local bus data parity. Drives and receives the data parity corresponding with the data phases on
LAD[0:31].
State
Meaning
Asserted/Negated—During write accesses, a parity bit is generated for each 8 bits of
LAD[0:31], such that LDP0 is even/odd parity for LAD[0:7], while LDP3 is even/odd parity
for LAD[24:31]. Unused byte lanes for port sizes less than 32 bits have undefined parity.
Timing Assertion/Negation—Drive and receive the data parity corresponding with the data phases on
LAD[0:31]. For read accesses, the parity bits for each byte lane are sampled on LDP[0:3]
with the same timing that read data is sampled on LAD[0:31]. LDP[0:3] change
impedance in concert with LAD[0:31].
LCKE
O Local bus clock enable
State
Meaning
Asserted/Negated—LCKE is the bus clock enable signal (CKE) for JEDEC-standard SDRAM
devices. Asserted during normal SDRAM operation.
LCLK[0:2]
O Local bus clocks
State
Meaning
Asserted/Negated—LCLK[0:2] drive an identical bus clock signal for distributed loads. If the
LBC DLL is enabled (see LCRR[DBYP], Figure 13-19 on page 13-32), the bus clock
phase is shifted earlier than transitions on other LBC signals (such as LAD[0:31] and
LCSn) by a time delay matching the delay of the DLL timing loop set up between
LSYNC_OUT and LSYNC_IN.
LSYNC_OUT
O DLL synchronization out
State
Meaning
Asserted/Negated—A replica of the bus clock, appearing on LSYNC_OUT, should be
propagated through a passive timing loop and returned to LSYNC_IN for achieving
correct DLL lock.
Timing Assertion/Negation—The time delay of the timing loop should be such that it compensates for
the round-trip flight time of LCLK[0:2] and clocked drivers in the system. No load other
than a timing loop should be placed on LSYNC_OUT.
LSYNC_IN
I
DLL synchronization in
State
Meaning
Asserted/Negated—See description of LSYNC_OUT.
Table 13-2. Local Bus Controller Detailed Signal Descriptions (continued)
Signal
I/O
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com