Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 732 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 732 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 728Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 729Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 730Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 731Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 732Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 733Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 734Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 735Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 736Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 732 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
14-106
Freescale Semiconductor
Three-Speed Ethernet Controllers
Figure 14-112. TSEC-RGMII Connection
14.6.1.4 Ten-Bit Interface (TBI)
This section describes the ten-bit interface (TBI) intended to be used between the PHYs and the
TSEC to implement a standard SerDes interface for optical-fiber devices in 1000BASE-SX/LX
applications. Figure 14-113 shows the basic components of the TBI including the signals required
to establish TSEC module connection with a PHY. RBC0 and RBC1 are differential 62.5-MHz
receive clocks.
Transmit Data (TSECn_TXD[3:0]/TSECn_TXD[7:4])
Transmit Control (TX_EN/f(TX_EN,TX_ER))
Gigabit Transmit Clock (TSECn_GTX_CLK)
Receive Data (TSECn_RXD[3:0]/TSECn_RXD[7:4])
Receive Control (RX_DV/f(RX_DV,RX_ER))
Receive Clock (TSECn_RX_CLK)
Management Data I/O1 (EC_MDIO)
Management Data Clock1 (EC_MDC)
TSEC
Medium
1 The management signals (EC_MDC and EC_MDIO) are common to all of the gigabit Ethernet controllers
module connections in the system, assuming that each PHY has a different management address.
Gigabit Reference Clock (EC_GTX_CLK125)
Gigabit
PHY
Ethernet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com