Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 728 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 728 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 724Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 725Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 726Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 727Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 728Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 729Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 730Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 731Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 732Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 728 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
14-102
Freescale Semiconductor
Three-Speed Ethernet Controllers
Table 14-108 describes the fields of the JD register.
14.5.4.11 TBI Control Register (TBICON)
Figure 14-109 shows the TBICON register.
Table 14-108. JD Field Description
Bits
Name
Description
0
Jitter Enable Jitter enable. This bit is cleared by default.
0 Normal transmit operation
1 Enable the TBI to transmit the jitter test patterns defined in annex 36A of the IEEE 802.3
specification.
1–3
Jitter Select
Selects the jitter pattern to be transmitted in diagnostics mode. Encoding of this field is shown in the
following table. Default is 0
4–5
—
Reserved
6–15
Custom Jitter
Pattern
Used in conjunction with jitter (pattern) select and jitter (diagnostic) enable; set this field to the
desired custom pattern which is continuously transmitted. Its default is 0.
0
1
2
3
4
6
78
9
1011
12
13
14
15
R
Soft_Reset
0
Disable
Rx Dis
Disable
Tx Dis
00
0
AN
Sense
00
Clock
Select
MII
Mode
00
0
0
W
Reset
0000_0000_0000_0000
Offset
TBIPA offset + 0x11
Figure 14-109. TBI Control Register Definition
Jitter Pattern Select
bit[1]
bit[2]
bit[3]
User defined uses custom jitter pattern, bits 6–15
0
0
0
High frequency (±D21.5)
1010101010101010101010101010101010101010…
00
1
Mixed frequency (±K28.5)
1111101011000001010011111010110000010100…
01
0
Low frequency
1111100000111110000011111000001111100000…
01
1
Complex pattern (10’h17c,10’h0c9,10’h0e5,10’h2a3, 10’h17c,...)
1
0
0
Square Wave (-K28.7)
0011111000001111100000111110000011111000…
10
1
Reserved
1
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com