Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 726 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 726 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 722Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 723Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 724Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 725Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 726Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 727Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 728Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 729Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 730Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 726 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
14-100
Freescale Semiconductor
Three-Speed Ethernet Controllers
14.5.4.9 Extended Status Register (EXST)
Figure 14-107 shows the EXST register.
Table 14-107 describes the fields of the EXST register.
2
Msg Page
Message page
0 Unformatted page
1 Message page
3
Ack2
Acknowledge 2. Indicates the link partner’s ability to comply with the message
0 Link partner cannot comply with message
1 Link partner complies with message
4
Toggle
Toggle. Used to ensure synchronization with the link partner during next page exchange. This bit
always takes the opposite value of the toggle bit of the previously-exchanged link code word. The
initial value in the first next page transmitted is the inverse of bit 11 in the base link code word.
This bit is read-only.
0 Toggle bit of the previously-exchanged link code word was set
1 Toggle bit of the previously-exchanged link code word was clear
5–15
Message/
Unformatted
Code Field
Message pages are formatted pages that carry a pre-defined message code, which is
enumerated in IEEE 802.3u/Annex 28C. Unformatted code fields take on an arbitrary value.
01
23
4
15
R 1000X
Full
1000X
Half
1000T
Full
1000T
Half
0000
0000
0000
W
Reset
1010_0000_0000_0000
Offset
TBIPA offset + 0x0F
Figure 14-107. Extended Status Register Definition
Table 14-107. EXST Field Descriptions
Bits
Name
Description
0
1000X Full 1000X full-duplex capability. Returns 1 on read. This bit is read-only.
0 PHY cannot operate in 1000BASE-X full-duplex mode
1 PHY can operate in 1000BASE-X full-duplex mode
1
1000X Half 1000X half-duplex capability. Returns 0 on read. This bit is read-only.
0 PHY cannot operate in 1000BASE-X half-duplex mode
1 PHY can operate in 1000BASE-X half-duplex mode
2
1000T Full 1000T full-duplex capability. Returns 1 on read. This bit is read-only.
0 PHY cannot operate in 1000BASE-T full-duplex mode
1 PHY can operate in 1000BASE-T full-duplex mode
Table 14-106. ANLPANP Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com