Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 723 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 723 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 719Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 720Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 721Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 722Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 723Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 724Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 725Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 726Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 727Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 723 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
14-97
Table 14-103 describes the fields of the ANLPBPA register.
Table 14-103. ANLPBPA Field Descriptions
Bits
Name
Description
0Next
Page
Next page. This bit is read-only. The link partner sets or clears this bit.
0 Link partner has no subsequent next pages or is not capable of receiving next pages
1 Link partner either requesting next page transmission or indicating the capability to receive next
pages
1
Ack
Acknowledge. Ignore on read. This bit is read-only
2–3
Remote
Fault
The link partner’s remote fault condition is encoded in bits 2 and 3 of the base page. Values are
shown in the remote fault encoding field table below. This bit is read-only.
4–6
—
Reserved, must be cleared.
7–8
Pause
Encoding of the link partner’s PAUSE capability is shown in the PAUSE encoding table below. For
priority resolution information consult the IEEE 802.3 specification. This bit is read-only
9Half
Duplex
Half-duplex capability. This bit is read-only.
0 Link partner is not capable of half-duplex mode
1 Link partner is capable of half-duplex mode
10
Full
Duplex
Full-duplex capability. This bit is read-only.
0 Link partner is not capable of full-duplex mode
1 Link partner is capable of full-duplex mode
11–15
—
Reserved, must be cleared.
RF1 bit[3]
RF2 bit[2]
Description
0
0
No error, link OK
0
1
Offline
1
0
Link_Failure
1
1
Auto-Negotiation_Error
PAUSE bit[8]
ASM_DIR bit[7]
Capability
0
0
No PAUSE
0
1
Asymmetric PAUSE toward link partner
10
Symmetric PAUSE
1
1
Both symmetric PAUSE and
Asymmetric PAUSE toward local device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com