Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 727 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 727 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 723Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 724Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 725Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 726Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 727Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 728Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 729Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 730Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 731Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 727 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
14-101
14.5.4.10 Jitter Diagnostics Register (JD)
Annex 36A in IEEE 802.3z describes several jitter test patterns. These can be configured to be sent
by writing the jitter diagnostics register. See the register description for more information. It may
be wise to auto-negotiate and advertise a remote fault, signaling offline, prior to beginning the test
patterns. Figure 14-108 shows the JD register.
3
1000T Half 1000T half-duplex capability. Returns 0 on read. This bit is read-only.
0 PHY cannot operate in 1000BASE-T half-duplex mode
1 PHY can operate in 1000BASE-T half-duplex mode
4–15
—
Reserve
0
1
34
56
15
R
Jitter
Enable
Jitter
Select
00
Custom Jitter Pattern
W
Reset
0000_0000_0000_0000
Offset
TBIPA offset + 0x10
Figure 14-108. Jitter Diagnostics Register Definition
Table 14-107. EXST Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com