Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 724 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 724 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 720Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 721Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 722Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 723Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 724Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 725Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 726Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 727Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 728Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 724 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
14-98
Freescale Semiconductor
Three-Speed Ethernet Controllers
14.5.4.6 AN Expansion Register (ANEX)
Figure 14-104 shows the ANEX register.
Table 14-104 describes the fields of the ANEX register.
14.5.4.7 AN Next Page Transmit Register (ANNPT)
Figure 14-105 shows the ANNPT register.
0
12
13
14
15
R
0
0
0
0
0
000
0
0
0
0
0
NP
Able
Page
Rx’d
0
W
Reset
0000_0000_0000_0110
Offset
TBIPA offset + 0x06
Figure 14-104. AN Expansion Register Definition
Table 14-104. ANEX Field Descriptions
Bits
Name
Description
0–12
—
Reserved, must be cleared.
13
NP
Able
Next page able. This bit is read-only and returns 1 on read. While read as set, indicates local device
supports next page function
14
Page
Rx’d
Page received. This bit is read-only. The bit clears on a read to the register.
0 Normal operation
1 A new page was received and stored in the applicable AN link partner ability or AN next page register.
This bit latches high in order for software to detect while polling.
15
—
Reserved, must be cleared.
01
2
3
4
5
15
R
Next Page
Ack
Msg Page
Ack2
Toggle
Message/Unformatted Code Field
W
Reset
0000_0000_0000_0000
Offset
TBIPA offset + 0x07
Figure 14-105. AN Next Page Transmit Register Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com