Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 721 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 721 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 717Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 718Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 719Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 720Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 721Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 722Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 723Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 724Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 725Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 721 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
14-95
2–3
Remote
Fault
The local device’s remote fault condition is encoded in bits 2 and 3 of the base page. Values are
shown in the following table. The default value is 00. Indicate a fault by setting a non-zero remote
fault encoding and re-negotiating.
4–6
—
Reserved, must be cleared.
7–8
Pause
The local device’s PAUSE capability is encoded in bits 7 and 8, and the decodes are shown in the
following table. For priority resolution information consult Table 14-102.
9Half
Duplex
Half-duplex capability
0 Designates local device as not capable of half-duplex operation.
1 Designates local device as capable of half-duplex operation.
10
Full
Duplex
Full-duplex capability
0 Designates the local device as not capable of full-duplex operation.
1 Designates the local device as capable of full-duplex operation.
11–15
—
Reserved, must be cleared.
Table 14-101. ANA Field Descriptions (continued)
Bits
Name
Description
RF1 bit[3]
RF2 bit[2]
Description
0
0
No error, link OK
0
1
Offline
1
0
Link_Failure
1
1
Auto-Negotiation_Error
PAUSE bit[8]
ASM_DIR bit[7]
Capability
0
0
No PAUSE
0
1
Asymmetric PAUSE toward link partner
10
Symmetric PAUSE
1
1
Both symmetric PAUSE and
Asymmetric PAUSE toward local device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com