Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 718 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 718 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 714Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 715Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 716Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 717Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 718Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 719Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 720Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 721Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 722Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 718 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
14-92
Freescale Semiconductor
Three-Speed Ethernet Controllers
14.5.4.2 Control Register (CR)
Figure 14-100 shows the CR register.
Table 14-99 describes the fields of the CR register.
0
1
2
3
4
5
6
7
8
9
10
15
R
PHY Reset
0
Speed_0
AN Enable
00
Reset AN
Full Duplex
0
Speed_1
0 0000 0
W
Reset
0001_0001_0100_0000
Offset
TBIPA offset + 0x00
Figure 14-100. Control Register Definition
Table 14-99. CR Field Descriptions
Bits
Name
Description
0
PHY Reset
PHY reset. This bit is cleared by default. This bit is self-clearing.
0 Normal operation.
1 The control and status registers are returned to their default value. This in turn may change the
internal state of the TBI and its link partner.
1—
Reserved
2
Speed_0
Speed selection. This bit defaults to a cleared state and must always be cleared, which
corresponds to 1-Gbps speed.
3
AN Enable
Auto-negotiation enable. This bit is set by default.
0 The values programmed in bits 2, 7 and 9 determine the operating condition of the link.
1 Auto-negotiation process enabled
4–5
—
Reserved
6
Reset AN
Reset auto-negotiation. This bit is cleared by default and is self-clearing.
0 Normal operation
1 The auto-negotiation process restarts. This action is only available if auto-negotiation is
enabled.
7
Full Duplex
Duplex mode. This bit is set by default.
0 Half-duplex operation
1 Full-duplex operation
8
—
Reserved, must be cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com