Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 714 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 714 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 710Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 711Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 712Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 713Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 714Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 715Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 716Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 717Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 718Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 714 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
14-88
Freescale Semiconductor
Three-Speed Ethernet Controllers
14.5.3.8.1 Individual Address Registers 0–7 (IADDRn)
The IADDRn registers, shown in Figure 14-96, are written by the user. These registers represent
256 entries of the individual (unicast) address hash table used in the address recognition process.
When the DA field of a receive frame is processed through a 32-bit CRC generator, the 8
high-order bits (0–7) of the CRC remainder are mapped to one of the 256 entries. The user can
enable a hash entry by setting the appropriate bit. A hash table hit occurs if the DA CRC result
points to an enabled hash entry.
Table 14-94 describes the field of the IADDRn registers.
14.5.3.8.2 Group Address Registers 0–7 (GADDRn)
The GADDRn registers are written by the user. Together these registers represent 256 entries of
the group (multicast) address hash table used in the address recognition process. While the DA
field of a receive frame is processed through a 32-bit CRC generator, the 8 bits of the CRC
remainder is mapped to one of the 256 entries. The user can enable a hash entry by setting the
appropriate bit. A hash table hit occurs if the DA CRC result points to an enabled hash entry.
Figure 14-97 shows the GADDRn registers.
0
31
R
IADDRn
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
TSEC1:0x2_4800, 0x2_4804, 0x2_4808, 0x2_480C, 0x2_4810, 0x2_4814, 0x2_4818, 0x2_481C
TSEC2:0x2_5800, 0x2_5804, 0x2_5808, 0x2_580C, 0x2_5810, 0x2_5814, 0x2_5818, 0x2_581C
Figure 14-96. IADDRn Register Definition
Table 14-94. IADDRn Field Description
Bits
Name
Description
0–31 IADDRn Represents the 32-bit value associated with the corresponding register. IADDR0 contains the
high-order 32 bits of the 256-entry hash table and IADDR7 represents the low-order 32 bits. For
instance, the MSB of IADDR0 correlates to entry 0 and the LSB of IADDR7 correlates to entry 255.
0
31
R
GADDRn
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
TSEC1:0x2_4880, 0x2_4884, 0x2_4888, 0x2_488C, 0x2_4890, 0x2_4894, 0x2_4898, 0x2_489C
TSEC2:0x2_5880, 0x2_5884, 0x2_5888, 0x2_588C, 0x2_5890, 0x2_5894, 0x2_5898, 0x2_589C
Figure 14-97. GADDRn Register Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com