Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 712 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 712 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 708Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 709Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 710Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 711Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 712Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 713Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 714Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 715Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 716Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 712 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
14-86
Freescale Semiconductor
Three-Speed Ethernet Controllers
14.5.3.7.47Carry Mask Register 2 (CAM2)
As long as one of the below mask bits is cleared, the corresponding interrupt bit is allowed to cause
interrupt indications on output CARRY. These bits default to a set state. Figure 14-95 shows the
CAM2 register.
17
M1RFC
Mask register 1 RFCS counter carry bit mask
18
M1RMC
Mask register 1 RMCA counter carry bit mask
19
M1RBC
Mask register 1 RBCA counter carry bit mask
20
M1RXC
Mask register 1 RXCF counter carry bit mask
21
M1RXP
Mask register 1 RXPF counter carry bit mask
22
M1RXU
Mask register 1 RXUO counter carry bit mask
23
M1RAL
Mask register 1 RALN counter carry bit mask
24
M1RFL
Mask register 1 RFLR counter carry bit mask
25
M1RCD
Mask register 1 RCDE counter carry bit mask
26
M1RCS
Mask register 1 RCSE counter carry bit mask
27
M1RUN
Mask register 1 RUND counter carry bit mask
28
M1ROV
Mask register 1 ROVR counter carry bit mask
29
M1RFR
Mask register 1 RFRG counter carry bit mask
30
M1RJB
Mask register 1 RJBR counter carry bit mask
31
M1RDR
Mask register 1 RDRP counter carry bit mask
0
11
12
13
14
15
R0
0
0
0
0
0
0
0
0
0
0
0
M2
TJB
M2
TFC
M2
TCF
M2
TOV
W
Reset
0000_0000_0000_1111
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
R
M2
TUN
M2
TFG
M2
TBY
M2
TPK
M2
TMC
M2
TBC
M2
TPF
M2
TDF
M2
TED
M2
TSC
M2
TMA
M2
TLC
M2
TXC
M2
TNC
0
M2
TDP
W
Reset
1111_1111_1111_1111
Offset
TSEC1:0x2_473C; TSEC2:0x2_573C
Figure 14-95. Carry Mask Register 2 (CAM2) Register Definition
Table 14-92. CAM1 Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com