Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 710 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 710 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 706Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 707Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 708Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 709Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 710Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 711Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 712Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 713Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 714Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 710 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
14-84
Freescale Semiconductor
Three-Speed Ethernet Controllers
14.5.3.7.45Carry Register 2 (CAR2)
Carry register bits are cleared when written with a one. Figure 14-93 shows the CAR2 register.
Table 14-91 describes the fields of the CAR2 register.
0
11
12
13
14
15
R
0
00
00
0
0
0
0
0
0
0
C2
TJB
C2
TFC
C2
TCF
C2
TOV
W
Reset
0000_0000_0000_0000
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
R
C2
TUN
C2
TFG
C2
TBY
C2
TPK
C2
TMC
C2
TBC
C2
TPF
C2
TDF
C2
TED
C2
TSC
C2
TMA
C2
TLC
C2
TXC
C2
TNC
0
C2
TDP
W
Reset
0000_0000_0000_0000
Offset
TSEC1:0x2_4734; TSEC2:0x2_5734
Figure 14-93. Carry Register 2 (CAR2) Register Definition
Table 14-91. CAR2 Field Descriptions
Bits
Name
Description
0–11
—
Reserved
12
C2TJB
Carry register 2 TJBR counter carry bit
13
C2TFC
Carry register 2 TFCS counter carry bit
14
C2TCF
Carry register 2 TXCF counter carry bit
15
C2TOV
Carry register 2 TOVR counter carry bit
16
C2TUN
Carry register 2 TUND counter carry bit
17
C2TFG
Carry register 2 TFRG counter carry bit
18
C2TBY
Carry register 2 TBYT counter carry bit
19
C2TPK
Carry register 2 TPKT counter carry bit
20
C2TMC
Carry register 2 TMCA counter carry bit
21
C2TBC
Carry register 2 TBCA counter carry bit
22
C2TPF
Carry register 2 TXPF counter carry bit
23
C2TDF
Carry register 2 TDFR counter carry bit
24
C2TED
Carry register 2 TEDF counter carry bit
25
C2TSC
Carry register 2 TSCL counter carry bit
26
C2TMA
Carry register 2 TMCL counter carry bit
27
C2TLC
Carry register 2 TLCL counter carry bit
28
C2TXC
Carry register 2 TXCL counter carry bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com