Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 713 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 713 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 709Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 710Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 711Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 712Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 713Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 714Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 715Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 716Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 717Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 713 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
14-87
Table 14-93 describes the fields of the CAM2 register.
14.5.3.8 Hash Function Registers
This section provides detailed descriptions of the registers used for hash functions. All of the
registers are 32 bits wide. If the DA field of a receive frame is processed through a 32-bit CRC
generator, the 8 bits of the CRC remainder is mapped to a hash table entry. The user can enable a
hash entry by setting the appropriate bit. A hash entry usually represents a set of addresses. A hash
table hit occurs if the DA CRC result points to an enabled hash entry. The user must further filter
the address. See Section 14.6.2.6.2, “Hash Table Algorithm,” for more information on the hash
algorithm.
Table 14-93. CAM2 Field Descriptions
Bits
Name
Description
0–11
—
Reserved
12
M2TJB
Mask register 2 TJBR counter carry bit mask
13
M2TFC
Mask register 2 TFCS counter carry bit mask
14
M2TCF
Mask register 2 TXCF counter carry bit mask
15
M2TOV
Mask register 2 TOVR counter carry bit mask
16
M2TUN
Mask register 2 TUND counter carry bit mask
17
M2TFG
Mask register 2 TFRG counter carry bit mask
18
M2TBY
Mask register 2 TBYT counter carry bit mask
19
M2TPK
Mask register 2 TPKT counter carry bit mask
20
M2TMC
Mask register 2 TMCA counter carry bit mask
21
M2TBC
Mask register 2 TBCA counter carry bit mask
22
M2TPF
Mask register 2 TXPF counter carry bit mask
23
M2TDF
Mask register 2 TDFR counter carry bit mask
24
M2TED
Mask register 2 TEDF counter carry bit mask
25
M2TSC
Mask register 2 TSCL counter carry bit mask
26
M2TMA
Mask register 2 TMCL counter carry bit mask
27
M2TLC
Mask register 2 TLCL counter carry bit mask
28
M2TXC
Mask register 2 TXCL counter carry bit mask
29
M2TNC
Mask register 2 TNCL counter carry bit mask
30
—
Reserved
31
M2TDP
Mask register 2 TDRP counter carry bit mask



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com