Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 711 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 711 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 707Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 708Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 709Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 710Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 711Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 712Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 713Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 714Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 715Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 711 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
14-85
14.5.3.7.46Carry Mask Register 1 (CAM1)
As long as one of the below mask bits is cleared, the corresponding interrupt bit is allowed to cause
interrupt indications on output CARRY. These bits all default to a set state. Figure 14-94 shows
the CAM1 register.
Table 14-92 describes the fields of the CAM1 register.
29
C2TNC
Carry register 2 TNCL counter carry bit
30
—
Reserved
31
C2TDP
Carry register 2 TDRP counter carry bit
012
3
4
5
6
7
14
15
R
M1
64
M1
127
M1
255
M1
511
M1
1K
M1
MAX
M1
MGV
0
0
0
000
0
0
M1
RBY
W
Reset
1111_1110_0000_0001
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
R
M1
RPK
M1
RFC
M1
RMC
M1
RBC
M1
RXC
M1
RXP
M1
RXU
M1
RAL
M1
RFL
M1
RCD
M1
RCS
M1
RUN
M1
ROV
M1
RFR
M1
RJB
M1
RDR
W
Reset
1111_1111_1111_1111
Offset
TSEC1:0x2_4738; TSEC2:0x2_5738
Figure 14-94. Carry Mask Register 1 (CAM1) Register Definition
Table 14-92. CAM1 Field Descriptions
Bits
Name
Description
0
M164
Mask register 1 TR64 counter carry bit mask
1
M1127
Mask register 1 TR127 counter carry bit mask
2
M1255
Mask register 1 TR255 counter carry bit mask
3
M1511
Mask register 1 TR511 counter carry bit mask
4
M11K
Mask register 1 TR1K counter carry bit mask
5
M1MAX
Mask register 1 TRMAX counter carry bit mask
6
M1MGV
Mask register 1 TRMGV counter carry bit mask
7–14
—
Reserved
15
M1RBY
Mask register 1 RBYT counter carry bit mask
16
M1RPK
Mask register 1 RPKT counter carry bit mask
Table 14-91. CAR2 Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com