Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 715 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 715 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 711Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 712Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 713Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 714Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 715Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 716Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 717Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 718Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 719Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 715 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
14-89
Table 14-95 describes GADDRn.
14.5.3.9 Attribute Registers
This section describes the two TSEC frame attribute registers.
14.5.3.9.1 Attribute Register (ATTR)
The attribute register, shown in Figure 14-98, defines attributes and transaction types used to
access buffer descriptors, to write receive data, and to read transmit data. Snoop enable attributes
may be set for reading buffer descriptors and for reading transmit data. Buffer descriptors may be
written with attributes that cause allocation into the L2 cache with or without line locking.
Similarly, sections of a receive frame header may have attributes attached that cause allocation and
locking in the L2 cache. This process of specifying a region of each frame to stash into the L2
cache is referred to as extraction, which is specified in conjunction with ATTRELI.
ATTR[ELCWT] only has meaning if ATTRELI[EL] is non-zero.
Table 14-96 describes the fields of the ATTR register.
Table 14-95. GADDRn Field Description
Bits
Name
Description
0–31
GADDRn Represents the 32-bit value associated with the corresponding register. GADDR0 contains the
high-order 32 bits of the 256-entry group hash table and GADDR7 represents the low-order 32 bits.
For instance, the MSB of GADDR0 correlates to entry 0 and the LSB of GADDR7 correlates to
entry 255.
0
16
17
18
1920
2122 23
24
25
26
31
R 0 00 000000000000 0 0
ELCWT
0
BDLWT
00
RDSEN RBDSEN
00 0 0 0 0
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
TSEC1:0x2_4BF8; TSEC2:0x2_5BF8
Figure 14-98. ATTR Register Definition
Table 14-96. ATTR Field Descriptions
Bits
Name
Description
0–16
—
Reserved
17–18 ELCWT Extracted L2 cache write type. Specifies the write transaction type to perform for the extracted data.
This occurs only if ATTRELI[EL] is non-zero. For maximum performance, it is recommended that if
ELCWT is set to allocate, BDLWT must also be set to allocate. Writes to cache are always performed
with snoop. This setting overrides the RDSEN bit setting.
00 No allocation performed
01 Reserved, no extraction occurs
10 Allocate L2 cache line
11 Allocate and lock L2 cache line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com