Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 716 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 716 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 712Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 713Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 714Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 715Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 716Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 717Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 718Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 719Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 720Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 716 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
14-90
Freescale Semiconductor
Three-Speed Ethernet Controllers
14.5.3.9.2 Attribute Extract Length and Extract Index Register (ATTRELI)
The ATTRELI registers are written by the user to specify the extract index and extract length.
Figure 14-99 shows the ATTRELI register.
Table 14-97 describes the fields of the ATTRELI register.
19
—
Reserved
20–21
BDLWT Buffer descriptor L2 cache write type. Specifies the write transaction type to perform for the buffer
descriptor for a receive frame. Writes to cache are always performed with snoop.
00 No allocation performed. This setting overrides the RBDSEN bit setting.
01 Reserved
10 Allocate L2 cache line
11 Allocate and lock L2 cache line
22–23
—
Reserved
24
RDSEN Rx data snoop enable. This bit is superseded by the ELCWT settings.
0 Disables snooping of all receive frames data to memory unless ELCWT specifies L2 allocation
1 Enables snooping of all receive frames data to memory
25
RBDSEN RxBD snoop enable. This bit is superseded by the BDLWT settings.
0 Disables snooping of all receive BD memory accesses unless BDLWT specifies L2 allocation
1 Enables snooping of all receive BD memory accesses
26–31
—
Reserved
0
1
2
15 16 17 18
31
R0
0
EL
00
EI
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
TSEC1:0x2_4BFC; TSEC2:0x2_5BFC
Figure 14-99. ATTRELI Register Definition
Table 14-97. ATTRELI Field Descriptions
Bits
Name
Description
0–1
—
Reserved
2–15
EL
Extracted length. Specifies the number of bytes to extract from the receive frame. The DMA controller
uses this field to perform extraction. If set to zero, no extraction is performed.
16–17
—
Reserved
18–31
EI
Extracted index. Points to the first byte within the receive frame from which to begin extracting data.
Table 14-96. ATTR Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com