Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 717 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 717 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 713Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 714Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 715Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 716Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 717Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 718Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 719Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 720Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 721Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 717 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
14-91
14.5.4 Ten-Bit Interface (TBI)
This section describes the ten-bit interface (TBI) and the TBI MII set of registers.
14.5.4.1 TBI MII Set Register Descriptions
This section describes the TBI MII registers. All TBI registers are 16 bits wide and are accessed
at the offset of the TBI physical address. The TBI physical address of the TSEC is stored in TBIPA.
Writing to the TBI registers is similar to writing to an external PHY, by using the MII management
interface. By using TBIPA in place of the PHY address, in the MIIMADD[PHY Address] field,
and setting MIIMADD[Register Address] to the address offset that corresponds to the desired
register (see Table 14-98), the user can read (set MIIMCOM[Read Cycle]) or write (writing to
MIIMCON[PHY control]) to the TBI block. Refer to the TBI physical address register in
Section 14.5.3.1, “TSEC General Control and Status Registers,” and the TBI MII register set in
Table 14-98.
Note that jitter diagnostics and TBI control are not IEEE 802.3 required registers and are only used
for test and control of the TSEC TBI block. The TBI’s TBI control register (TBI) is for configuring
the TSEC ten-bit interface block. However, because this TBI block has an MII management
interface (just like any other PHY), it has an IEEE 802.3 register called the control register (CR).
Table 14-98. TBI MII Register Set
Offset
Name
Access
Size
Section/Page
TEN-BIT INTERFACE (TBI) REGISTERS
14.5.4/14-91
0x00
Control (CR)
R/W1
1 R = means read only, WO = write only, R/W = read and write, LH = latches high, LL = latches low,
SC = self-clearing.
16 bits
14.5.4.2/14-92
0x01
Status (SR)
R, LH, LL
16 bits
14.5.4.3/14-93
0x02–0x03
Reserved
R
2 bytes
—
0x04
AN advertisement (ANA)
RW, R
16 bits
14.5.4.3/14-93
0x05
AN link partner base page ability (ANLPBPA)
R
16 bits
14.5.4.5/14-96
0x06
AN expansion (ANEX)
R, LH
16 bits
14.5.4.6/14-98
0x07
AN next page transmit (ANNPT)
R/W, R
16 bits
14.5.4.7/14-98
0x08
AN link partner ability next page (ANLPANP)
R
16 bits
14.5.4.8/14-99
0x0F
Extended status (EXST)
R
16 bits
14.5.4.9/14-100
0x10
Jitter diagnostics (JD)
R/W
16 bits
14.5.4.10/14-101
0x11
TBI control (TBICON)
R/W
16 bits
14.5.4.11/14-102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com