Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 720 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 720 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 716Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 717Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 718Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 719Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 720Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 721Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 722Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 723Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 724Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 720 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
14-94
Freescale Semiconductor
Three-Speed Ethernet Controllers
14.5.4.4 AN Advertisement Register (ANA)
Figure 14-102 shows the ANA register.
Table 14-101 describes the fields of the ANA register.
12
AN
Ability
Auto-negotiation ability. While read as set, this bit indicates that the PHY has the ability to perform
auto-negotiation. While read as cleared, this bit indicates the PHY lacks the ability to perform
auto-negotiation. Returns 1 on read. This bit is read-only.
13
Link
Status
Link status. This bit is read-only and is cleared by default.
0 A valid link is not established. Latches low allowing for software polling to detect a failure condition.
1 A valid link is established.
14
—
Reserved, must be cleared.
15
Extend
Ability
Extended capability. This bit indicates that the PHY contains the extended set of registers (those beyond
control and status). Returns 1 on read. This bit is read-only.
0
1
23
4
6
7
8
9
1011
15
R Next
Page
Ack
Remote
Fault
00
0
Pause
Half
Duplex
Full
Duplex
00
0
0
0
W
Reset
0000_0000_0000_0000
Offset
TBIPA offset + 0x04
Figure 14-102. AN Advertisement Register Definition
Table 14-101. ANA Field Descriptions
Bits
Name
Description
0Next
Page
Next page configuration. The local device sets this bit to either request next page transmission or
advertise next page exchange capability.
0 The local device wishes not to engage in next page exchange.
1 The local device has no next pages but wishes to allow reception of next pages. If the local
device has no next pages and the link partner wishes to send next pages, the local device shall
send null message codes and have the message page set to 0b000_0000_0001, as defined in
annex 28C of the IEEE 802.3 specification.
1
Ack
Acknowledge. Write 0, ignore on read.This bit is read-only. (Reserved)
Table 14-100. SR Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com