Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 719 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 719 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 715Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 716Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 717Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 718Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 719Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 720Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 721Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 722Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 723Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 719 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
14-93
14.5.4.3 Status Register (SR)
Figure 14-101 shows the SR register.
Table 14-100 describes the fields of the SR register.
9
Speed_1
Speed selection. Defaults to a set state and must always be set, which corresponds to 1 Gbps
10–15
—
Reserved
06
7
8
9
10
11
12
13
14
15
R
0
0
00
00
0
Extend
Status
0
No
Pre
AN
Done
Remote
Fault
AN
Ability
Link
Status
0
Extend
Ability
W
Reset
0000_0001_0100_1001
Offset
TBIPA offset + 0x01
Figure 14-101. Status Register Definition
Table 14-100. SR Descriptions
Bits
Name
Description
0–6
—
Reserved, must be cleared.
7Extend
Status
Indicates that PHY status information is also contained in the Extended Status Register. Returns 1 on
read. This bit is read-only.
8
—
Reserved, must be cleared.
9No
Pre
MF preamble suppression enable. This bit indicates whether or not the PHY is capable of handling MII
management frames without the 32-bit preamble field. Returns 1, indicating support for suppressed
preamble MII management frames. This bit is read-only.
10
AN
Done
Auto-negotiation complete. This bit is read-only and is cleared by default.
0 Either the auto-negotiation process is underway or the auto-negotiation function is disabled.
1 The auto-negotiation process has completed.
11
Remote
Fault
Remote fault. This bit is read-only and is cleared by default. Each read of SR clears this bit.
0 Normal operation
1 A remote fault condition was detected. Latches high for software to detect the condition.
Table 14-99. CR Field Descriptions (continued)
Bits
Name
Description
Maximum Operating Speed
Bit 2
Bit 9
Reserved
0
0
Reserved
1
0
1 Gbps
0
1
Reserved
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com