Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 707 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 707 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 703Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 704Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 705Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 706Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 707Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 708Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 709Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 710Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 711Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 707 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
14-81
Table 14-86 describes the fields of the TXCF register.
14.5.3.7.41Transmit Oversize Frame Counter Register (TOVR)
Figure 14-89 shows the TOVR register.
Table 14-87 describes the fields of the TOVR register.
14.5.3.7.42Transmit Undersize Frame Counter Register (TUND)
Figure 14-90 shows the TUND register.
Table 14-86. TXCF Field Descriptions
Bits
Name
Description
0–19
—
Reserved
20–31 TXCF Transmit control frame counter. Increments for every valid size frame with a type field signifying a control
frame.
0
19 20
31
R 0 0 0 0000000 0
0
0 0
0000
00
TOVR
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
TSEC1:0x2_4724; TSEC2:0x2_5724
Figure 14-89. Transmit Oversized Frame Counter Register Definition
Table 14-87. TOVR Field Descriptions
Bits
Name
Description
0–19
—
Reserved
20–31 TOVR Transmit oversize frame counter. Increments for each oversized transmitted frame with a correct FCS
value.
0
19
20
31
R 0
00 0 0 0 0 0 0 0 0
0
0
00
0
0
0
0
0
TDFR
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
TSEC1:0x2_4728; TSEC2:0x2_5728
Figure 14-90. Transmit Undersize Frame Counter Register Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com