Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 705 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 705 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 701Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 702Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 703Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 704Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 705Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 706Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 707Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 708Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 709Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 705 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
14-79
Table 14-82 describes the fields of the TNCL register.
14.5.3.7.37Transmit Drop Frame Counter Register (TDRP)
Figure 14-85 shows the TDRP register.
Table 14-83 describes the fields of the TDRP register.
14.5.3.7.38Transmit Jabber Frame Counter Register (TJBR)
Figure 14-86 shows the TJBR register.
Table 14-82. TNCL Field Descriptions
Bits
Name
Description
0–19
—
Reserved
20–31 TNCL Transmit total collision counter. Increments by the number of collisions experienced during the
transmission of a frame as defined as the simultaneous presence of signals on the DO and RD circuits
(that is, transmitting and receiving at the same time). Note: This count does not include collisions that
result in an excessive collision condition.
015 16
31
R 0 0 0 00 00 00 0 0 0 0 0 0
0
TDRP
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
TSEC1:0x2_4714; TSEC2:0x2_5714
Figure 14-85. Transmit Drop Frame Counter Register Definition
Table 14-83. TDRP Field Descriptions
Bits
Name
Description
0–15
—
Reserved
16–31
TDRP
Transmit drop frame counter. Increments each time a memory error or an underrun has occurred.
0
19
20
31
R 0
0 000 000 00 0
0
0
0
0
0
0
0
0
0
TJBR
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
TSEC1:0x2_4718; TSEC2:0x2_5718
Figure 14-86. Transmit Jabber Frame Counter Register Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com