Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 703 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 703 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 699Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 700Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 701Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 702Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 703Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 704Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 705Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 706Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 707Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 703 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
14-77
Table 14-78 describes the fields of the TSCL register.
14.5.3.7.33Transmit Multiple Collision Packet Counter Register (TMCL)
Figure 14-81 shows the TMCL register.
Table 14-79 describes the fields of the TMCL register.
14.5.3.7.34Transmit Late Collision Packet Counter Register (TLCL)
Figure 14-82 shows the TLCL register.
Table 14-78. TSCL Field Descriptions
Bits
Name
Description
0–19
—
Reserved
20–31 TSCL Transmit single collision packet counter. Increments for each frame transmitted which experienced
exactly one collision during transmission.
0
19 20
31
R 0
0 0 0 0 0 0 0 0 0 00000
0
0
0
0
0
TMCL
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
TSEC1:0x2_4700; TSEC2:0x2_5700
Figure 14-81. Transmit Multiple Collision Packet Counter Register Definition
Table 14-79. TMCL Field Descriptions
Bits
Name
Description
0–19
—
Reserved
20–31 TMCL Transmit multiple collision packet counter. Increments for each frame transmitted which experienced
2-15 collisions (including any late collisions) during transmission as defined using the
Half_Duplex[RETRANSMISSION MAXIMUM] field.
0
19 20
31
R 0
0 0 0 0 0 0 0 0 0 00000
0
0
0
0
0
TLCL
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
TSEC1:0x2_4704; TSEC2:0x2_5704
Figure 14-82. Transmit Late Collision Packet Counter Register Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com