Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 699 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 699 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 695Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 696Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 697Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 698Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 699Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 700Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 701Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 702Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 703Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 699 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
14-73
Table 14-70 describes the fields of the RDRP register.
14.5.3.7.25Transmit Byte Counter Register (TBYT)
Figure 14-73 shows the TBYT register.
Table 14-71 describes the fields of the TBYT register.
14.5.3.7.26Transmit Packet Counter Register (TPKT)
Figure 14-74 shows the TPKT register.
Table 14-70. RDRP Field Descriptions
Bits
Name
Description
0–15
—
Reserved
16–31 RDRP Receive dropped packets counter. Increments for frames received which are streamed to system but
are later dropped due to lack of system resources.
01
31
R0
TBYT
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
TSEC1:0x2_46E0; TSEC2:0x2_56E0
Figure 14-73. Transmit Byte Counter Register Definition
Table 14-71. TBYT Field Descriptions
Bits Name
Description
0—
Reserved
1–31 TBYT Transmit byte counter. Increments by the number of bytes that were put on the wire including fragments
of frames that were involved with collisions. This count does not include preamble/SFD or jam bytes. This
counter does not count if the frame is truncated.
09
10
31
R 0
0 0 00 00 00 0
TPKT
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
TSEC1:0x2_46E4; TSEC2:0x2_56E4
Figure 14-74. Transmit Packet Counter Register Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com